Part Number Hot Search : 
IMB9A 600000 2SA1103 5KE27C AMS255BM U4083 1S133M D7412
Product Description
Full Text Search
 

To Download ACOF5S3E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. www.conwin.com
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS STRATUM 3E HCMOS OCXO
A B S O L U T E M A X IM U M R A T I N G S
PARAMETER Storage Temperature Supply Voltage UNITS (Vcc) MIN IMU M -4 0 -0 . 5 NOMINAL M A X IM U M 85 7 UNITS C Vdc TABLE 2.0 MIN IMU M (Fo) -2 -1 0 -1 -3 0 0 (Vcc) 4.75 -0 . 5 -0 . 5 -1 0 0 NOMINAL 10.000 12.800 5 . 0 0 E -1 1 5.00 5 M A X IM U M UNITS MHz 2 10 1 30 70 5.25 0.5 0.5 2.75 1. 50 500 100 5 1 ppm ppb ppb/day ppb RMS C Vdc ppb ppb W W mS ppb ppb/G nS nS 2 3 4 5 NOTE 1 TABLE 1.0 NOTE
CONNOR WINFIELD
MODEL ACOF5S3E FREQUENCY 10.000MHz 0021 DATE CODE CAL. FREQ. 10.000000
O P E R A T I N G S P E C I F IC A T I O N S
PARAMETER Center Frequency F r e q u e n c y C a l i b ra t i o n F r e q u e n c y S t a b i li t y Aging: D a i ly Aging: F i rs t Y e a r Aging: S h o r t T e rm ( 1 S e c . ) Operating Temperature Range Supply Voltage V o l t a g e S t a b i li t y (+ /-1 % ) L o a d S t a b i l it y ( + /-2 0 % ) Power Cons umption: Turn On Power Consumption: S t e a d y-State S t a rt-U p T i m e W a rm U p 2 G T i p -o v e r TDEV at 300 seconds TDEV at 40 seconds
ACOF5S3E
DESCRIPTION
6 7 8 8 9 10 11 11
HCMOS OU TPUT C H A R A C T E R IS T I C S
PARAMETER LOAD Voltage (High) (Low) Duty Cycle at 50% of Vcc Rise / Fall Time 10% to 90% Spurious Output SSB Phase Noise at 1Hz offset SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at 10KHz offset MIN IMU M 12 4.2 45 NOMINAL 15 50 M A X IM U M 18 0.4 55 5 -8 0 -9 0 -1 1 5 -1 3 0 -1 3 5 -1 4 0 UNITS pF Vdc Vdc % nS dBc dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz
TABLE 3.0 NOTE 12
The Connor-Winfield ACOF5S3E is a 5V Oven Controlled Crystal Oscillator (OCXO) with an HCMOS output. The ACOF5S3E is designed for Stratum 3E applications requiring low jitter and tight frequency stability.
(Voh) (Vol)
FEATURES DESIGNED TO MEET STRATUM 3E REQUIREMENTS FIXED FREQUENCY TEMPERATURE STABILITY 10ppb 5.0V OPERATION HCMOS OUTPUT
RE ST AB ILIZ AT ION TIM E
Off Tim e < 1 Hour < 6 Hours < 24 Hours 1 to 16 Days > 16 Days R e s t a b i l i z a ti o n T i m e < 2 Hours < 12 Hours < 48 Hours 4 8 H o u r s + 1/4 Off Tim e < 6 Days
TABLE 4.0 NOTE 13 13 13 13 13
P A C K A G E C H A R A C T E R IS T I C S
Package
TABLE 5.0 M e t a l p a c k a g e : s o ld e r s e a l e d , g ro u n d e d c a s e , s o l d e r ti n n e d p i n s .
ENVIRONMNETAL C H A R A C T E R IS T I C S
Shock V i b r a t io n
TABLE 6.0 1 0 0 G ' s , 6 m S , h a l f s in e p e r M I L-S T D -2 0 2 F , M e t h o d 2 1 3 B , T e s t C o n d i t io n C 0 . 0 6 " D . A . o r 1 0 G p e a k 1 0 t o 5 0 0 H z , p e r M I L-S T D -2 0 2 F , M e t h o d 2 0 4 D , T e s t c o n d i ti o n A
Notes: 1) 2) 3) 4) 5) 6) 7) 8) 9) 10) 11) 12) 13)
L a b e l s w i ll in c l u d e t h e c a li b r a ti o n f re q u e n c y a t th e t i m e o f s h ip . I n i ti a l c a l ib r a t io n @ 2 5 C F r e q u e n c y v s . t e m p e r a t u r e s ta b i li t y A f t e r te n d a y s o f c o n ti n u o u s o p e r a ti on . A l l e n V a ri a n c e : 1 s e co n d , 1 0 0 a v e r a g e . F r e q u e n c y v s . c h a n g e i n s u p p ly v o l ta g e . F r e q u e n c y v s . c h a n g e i n lo a d . Vcc = 5.0Vdc. F r o m V c c = 9 0 % o f f in a l v a lu e . N o m o r e t h a n 1 6 t r a n s it i o n s a t s t a r t-u p b e f o r e o s c il la t o r h a s s t a r te d . M e a s u r e d @ 0 C , w i t h in 5 m i n u te s , r e fe r e n c e d o n e h o u r a f te r t u r n-o n . A t t im e o f d e l i v e ry . HCMO S load. F o r a g i v e n o ff t im e , t h e t im e r e q u i r e d t o m e e t d a il y a g in g , s h o r t-t e r m s t a b il it y a n d T D E V r e q u i re m e n t s .
ORDERING INFORMATION
ACOF5S3E - 10.00MHz
OCXO SERIES CENTER FREQUENCY
Specifications subject to change without notice. DATA SHEET #: Cx008 PAGE 1 OF 2 REV: 03 DATE: 9/11/01
aCopyright 2001 Connor-Winfield all rights reserved.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. www.conwin.com
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
MODEL ACOF5S3E FREQUENCY 10.000MHz DATE CODE 0021 CAL. FREQ. 10.000000
Specifications subject to change without notice. DATA SHEET #: Cx008 PAGE 2 OF 2 REV: 03 DATE: 9/11/01
aCopyright 2001 Connor-Winfield all rights reserved.


▲Up To Search▲   

 
Price & Availability of ACOF5S3E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X